Part Number Hot Search : 
AD8602AR 71WS256 200GB T600C A1774 2SD668 ADP7105 A12BB
Product Description
Full Text Search
 

To Download MMDT390606 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 MMDT3906
DUAL PNP GENERAL PURPOSE SWITCHING TRANSISTOR
VOLTAGE FEATURES
* PNP epitaxial silicon, planar design * Collector-emitter voltage V CE = -40V * Collector current I C = -200mA * In compliance with EU RoHS 2002/95/EC directives
40 Volts
POWER
200 mWatts
MECHANICAL DATA
* Case: SOT-363, Plastic * Terminals: Solderable per MIL-STD-750, Method 2026 * Approx. Weight: 0.006 gram * Marking: S2A
6
5
4
1
2
3
Fig.53
ABSOLUTE RATINGS
PARAMETER C ollector - Emi tter Voltage C ollector - Base Voltage Emi tter - Base Voltage C ollector C urrent - C onti nuous Symbol VCEO VCBO VEBO IC Value -40 -40 -5.0 -200 Uni ts V V V mA
THERMAL CHARACTERISTICS
PARAMETER Max Power Dissipation (Note 1) Thermal Resistance , Junction to Ambient Junction Temperature Storage Temperature Symbol PTOT RJA TJ TSTG Value 200 625 -55 to 150 -55 to 150 Units mW
O
C/W
O
C C
O
Note 1: Transistor mounted on FR-5 board 1.0 x 0.75 x 0.062 in.
STAD-MAY.06.2006
PAGE . 1
MMDT3906
ELECTRICAL CHARACTERISTICS
PA RA M E TE R C o lle c to r - E mi tte r B re a k d o wn Vo lta g e C o lle c to r - B a s e B re a k d o wn Vo lta g e E mi tte r - B a s e B re a k d o wn Vo lta g e B a s e C ut o f f C ur r e nt C o l l e c t o r C ut o f f C ur r e nt S ym b o l V(B R )C E O V(B R )C B O V(B R )E B O IB l IC E X Te s t C o n d i t i o n IC = - 1 . 0 m A , IB = 0 IC = - 1 0 u A , IE = 0 IE = - 1 0 u A , IC = 0 V CE=-3 0 V, V EB=-3 .0 V V CE=-3 0 V, V EB=-3 .0 V IC = - 0 . 1 m A , V C E = - 1 . 0 V IC = - 1 . 0 m A , V C E = - 1 . 0 V IC = - 1 0 m A , V C E = - 1 . 0 V IC = - 5 0 m A , V C E = - 1 . 0 V IC = - 1 0 0 m A , V C E = - 1 . 0 V IC = - 1 0 m A , IB = - 1 . 0 m A IC = - 5 0 m A , IB = - 5 . 0 m A IC = - 1 0 m A , IB = - 1 . 0 m A IC = - 5 0 m A , IB = - 5 . 0 m A V C B = - 5 V , IE = 0 , f = 1 M H z V C B = - 0 . 5 V , IC = 0 , f = 1 M H z V CC=-3 V,V BE=-0 .5 V, IC = - 1 0 m A , IB = - 1 . 0 m A V CC=-3 V,V BE=-0 .5 V, IC = - 1 0 m A , IB = - 1 . 0 m A V C C = - 3 V , IC = - 1 0 m A IB 1 = IB 2 = - 1 . 0 m A V C C = - 3 V , IC = - 1 0 m A IB 1 = IB 2 = 1 . 0 m A M IN . -40 -40 -5 .0 60 80 100 60 30 -0 .6 5 T YP. MA X . -50 -50 300 -0 .2 5 -0 .4 -0 .8 5 -0 .9 5 4 .0 10 35 35 225 75 U ni t s V V V nA nA
D C C ur r e nt G a i n ( N o t e 2 )
hF E
-
C o l l e c t o r - E m i t t e r S a t ur a t i o n Vo l t a g e (No te 2 ) B a s e - E m i t t e r S a t ur a t i o n Vo l t a g e (No te 2 ) C o l l e c t o r - B a s e C a p a c i t a nc e E m i t t e r - B a s e C a p a c i t a nc e D e l a y Ti m e R i s e Ti m e S t o r a g e Ti m e F a l l Ti m e
VC E (S AT) VB E (S AT) CCBO CEBO td tr ts tf
V V pF pF ns ns ns ns
Note 2: Pulse Test: Pulse Width < 300 us, Duty Cycle < 2.0%.
SWITCHING TIME EQUIVALENT TEST CIRCUITS
+3V 27 5 W
-0 .5 V 0
< 1ns
300 ns
-10.9V
10K W
C S * < 4pF
D elay an d R ise Tim e E q u iv alen t Test C ircu it +3V
< 1ns +9 .1V 0 10 to 500us Duty Cycle ~ 2.0% - 1 0.9V 10K W 1N 916
27 5 W
C S * < 4pF
Storage and Fall Tim e Equivalent Test Circuit
STAD-MAY.06.2006
PAGE . 2
MMDT3906
ELECTRICAL CHARACTERISTICS CURVE
300 250 200 T J =150 C T J =100 oC
o
1.2 V CE =1V V CE =1V 1.0 0.8
-V BE (V)
T J =25 C 0.6 T J =100 C 0.4 0.2 0.0 0.01
o
o
hFE
150 T J =25 oC 100 50 0 0.01
T J =150 oC
0.1
1
10
100
1000
0.1
1
10
100
1000
Collector Current, -I C (mA)
Collector Current, -I C (mA)
Fig. 1. Typical h FE vs Collector Current
Fig. 2. Typical V BE vs Collector Current
1.00
1.000
I C / I B =10
-V CE( sat) (V) -V BE( sat) (V)
T J =25 oC T J =100 C
o
T J =150 C
o
0.10
T J =150 oC T J =25 oC
I C / I B =10
0.01 0.01 0.1 1 10 100 1000 0.100 0.01 0.1 1 10 100
Collector Current, -I C (mA)
Collector Current, -I C (mA) Fig. 4. Typical V BE (sat) vs Collector Current
Fig. 3. Typical V CE (sat) vs Collector Current
10
Capacitance (pF)
C IB (EB)
C OB (CB)
1 -0.1
-1
-10
-100
Reverse Voltage, V R (V) Fig. 5. Typical Capacitances vs Reverse Voltage
STAD-MAY.06.2006
PAGE . 3
MMDT3906
MOUNTING PAD LAYOUT
ORDER INFORMATION
* Packing information T/R - 10K per 13" plastic Reel T/R - 3K per 7" plastic Reel
LEGAL STATEMENT
Copyright PanJit International, Inc 2010
The information presented in this document is believed to be accurate and reliable. The specifications and information herein are subject to change without notice. Pan Jit makes no warranty, representation or guarantee regarding the suitability of its products for any particular purpose. Pan Jit products are not authorized for use in life support devices or systems. Pan Jit does not convey any license under its patent rights or rights of others.
STAD-MAY.06.2006
PAGE . 4


▲Up To Search▲   

 
Price & Availability of MMDT390606

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X